Part Number Hot Search : 
ISL6446A UCN5800 01160 UN221K N54LS 222M1 21010 2SB1242Q
Product Description
Full Text Search
 

To Download UJ206026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  115 horizontal type vertical type detector push slide rotary encoders power dual-in-line package type t act switch tm custom- products 1,250 250 spun190900 spun191000 spun191400 spun191600 spun192600 spun192800 spun194700 spun194900 spun19c400 700 140 400 270 290 2.5mm-travel large-sized horizontal type spun series refer to p.132 for knobs. standard medium- current 2 non shorting 4 2 4 pc board latching momentary latching spun191400 spun191600 spun190900 spun191000 spun194700 spun194900 spun192600 spun192800 spun19c400 rating poles changeover timing mounting method operation 2.5 travel  mm  3.5 total travel  mm  product no. product line straight snap-in straight snap-in straight snap-in straight snap-in terminal type 1,250 700 1,250 700 minimum order unit  pcs.  1. products other than those listed in the above chart are also available. please contact us for details. 2. please place purchase orders per minimum order unit n (integer). 3. please contact us for automotive use. notes large horizontal type suitable for multiple circuits. push switch operating life 0.1a 30v dc/50 b a 3v dc 20m 
max./40m 
max. 30,000cycles rating  max.    min.   resistive load  items specifications standard medium-current contact resistance  initial  after operating life  10,000cycles  0.1a 30v dc  without load with load typical specifications operating forces 2 ? 1n 2.5 ? 1n 1a 25v dc 10,000cycles 5,000cycles  1a 25v dc  3 ? 1.5n 4 ? 2n 2-poles 4-poles bulk packing specifications product no. number of packages  pcs.  export package measurements  mm  1 case /japan 1 case/export packing
116 horizontal type vertical type detector push slide rotary encoders power dual-in-line package type t act switch tm custom- products 10 9.5 8.5 18 24 8.4 4-poles:36 2.5 3.5 1 4 8 10 13 6.5 tr a ve l t otal travel te rm inal no. 1 a 6.5 10.7 5 pc board mounting face knob face straight terminal snap-in terminal    
  1      g
       1   dimensions unit:mm style pc board mounting hole dimensions  viewed from the direction a  actuator configuration at front edge circuit diagram  viewed from direction a  2.5 ( 0.2 ) 2 2 1 1 h 3.3 h 2.5 knob face ( 2 ) unit:mm 4-poles 2-poles 1 2 3 4 5 6 7 8 9 ! 1 1 ! 2 ! 0 1 2 3 4 5 6 2.5mm-travel large-sized horizontal type spun series push switch
105 horizontal type vertical type detector push slide rotary encoders power dual-in-line package type t act switch tm custom- products push switches rating  max.   resistive load  rating  min.   resistive load  list of varieties series photo travel  mm  total travel  mm  number of poles dimensions  mm  page w 7.5 15.2 22.7 8.8 113 114 115 111 109 108 119 d h spuj spup spun sppj2 sppj3 sppj6 spee spej 2 3 2 4 10.3 1.5 2 2.5 3 10 24 36 13 2.5 3.5 7.2 9.6 2 6.6 12 8.3 2.5 3.5 1 2 9 4.5 1.5 2.5 2 7 7 8  40?c up  85?c 1.7 1.7 2 1. f 1. the operating temperature range for automotive applications can be raised upon request. please contact us for details. 2. f 2. 1v or less, at the present rating of 1ma 5v dc for output voltage. notes ? 1vti4xjudift"uubdife1bsut ??????????????????????????????????? ? ? 4pmefsjoh$poejujpot ???????????????????????????????????????? ? 1vti4xjudift1spevdut$bvujpo ????????????????????????????????? ?? 107 4 5 1.22 0.3 0.71 0.9 1 300 ? 10 ? 3  1 s 0 350 ? 10 ? 3  1 s 0 350 ? 5 ? 3s max. 350 ? 10 ? 4s max. 350 ? 10 ? 3  1 s 0 350 ? 10 ? 4  1 s 0 260 ? 5 ? 10 ? 1s 260 ? 5 ? 10 ? 1s 260 ? 5 ? 5 ? 1s 260 ? 5 ? 5 ? 1s ? please see p.133 please see p.133 dip soldering reflow soldering manual soldering soldering operating temperature range  10?c to  60?c  40?c to  85?c  10?c to  6 0 ?c 100m 
min. 500v dc 10m 
njo 100v dc 500v ac for 1minute 100v ac for 1minute 50n ?0 ? 2 ? for 96h ?0 ? 2 ? for 500h ?0 ? 2 ? for 96h 85 ? 2 ? for 96h 40 ? 2 ? , 90 to 95%rh for 96h 85 ? 2 ? for 500h 60 ? 2 ? , 90 up 95% rh for500h ? 50n 30n 49n 5n for 1minute 3m 
min. 100v dc 100v ac for 1minute 0.5n for 1minute 100m 
min. 500v dc 500v ac for 1minute ? ? 20m 
max. t 2 150m 
max. 117 speg 7.15 8.35 3.5 ? 1.2 1 ? ? 200m 
max. 50n mechanical performance environmental performance initial contact resistance insulation resistance voltage proof terminal strength operating direction pulling direction cold dry heat damp heat actuator strength electrical performance t t nfejvndvsfout durability 10,000cycles 40m 
max. 10,000cycles 40m 
max. 10,000cycles 40m 
max. 10,000 cycles 10,000cycles 14v dc, 0.2a 5,000cycles 40m 
max. 30,000cycles 500m 
max. 30,000cycles 40m 
max. 100,000 cycles operating life without load 100,000 cycles operating life without load load:as rating 0.2a 12v dc 50 b a 3v dc 0.2a 30v dc 0.1a 30v dc 50ma 16v dc 1a 25v dc 0.2a 14v dc 50 b a 3v dc ? 20ma 5v dc 100 b a 3v dc spun
132 horizontal type vertical type detector push slide rotary encoders power dual-in-line package type t act switch tm custom- products attached parts please specify required knob. knob outline drawing black red white uj206022 uj206020 UJ206026 4093-1 4093-2 4093-3 ue201011 ue201012 ue201013 ue202011 ue202012 ue202013 ue203011 ue203012 ue203013 ue204011 ue204012 ue204013 ue200011 ue200012 ue200013 sppj3 spuj sppj2 spup spun spec variety color model series unit:mm 4.6 5 9 9.7 9.9 10 5.3 r0.5 5.5 11.9 12.3 r0.7 6.6 7 r0.7 10.5 14.9 14.5 r0.7 7.4 7 r0.7 10.5 17.4 17 r0.7 12.5 7.8 7.4 r0.7 19.5 19.9 r0.7 12.5 7.4 r0.7 7.8 10 0.5 r0.5 r20 10.2 14.5 key pitch 10mm square knob key pitch 12.5mm square knob key pitch 15mm square knob key pitch 17.5mm square knob key pitch 20mm square knob round knob knob knob face we recommend the use of adhesive to secure the knob when mounting onto switches. note push switches


▲Up To Search▲   

 
Price & Availability of UJ206026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X